Part Number Hot Search : 
125612T V330ME05 HERF805 MP86PS23 SM3040D TOP253EN GBU6M HR9311SF
Product Description
Full Text Search
 

To Download 0482009232 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/04/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0482009232 Active
1.27mm (.050") Pitch Compact PCI Slot, Board-to-Board Edge Card Connector, Vertical, Double-Sided, Dual Read-Out, White, with Plastic Peg, 0.38m (15") Gold (Au) Plating, Voltage 3.3V, 184 Circuits, Lead Free
General
Product Family Series Comments Component Type Overview Product Name Edge Card Connectors 48200 3V Card Configuration Edgecard to PCB edge_card_connectors Edge Card
EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Circuits (Loaded) Circuits (maximum) Circuits Detail Durability (mating cycles max) Entry Angle Keying to Mating Part Material - Plating Mating Material - Plating Termination PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Polarized to Mating Part Temperature Range - Operating Termination Interface: Style 184 184 All Signal 50 Vertical (Top Entry) Yes Gold Tin 0.118 In 3.00 mm Yes Yes 0.062 In 1.60 mm Tray 0.050 In 1.27 mm 15 0.38 Yes -10C to +85C Through Hole
Search Parts in this Series 48200Series Mates With 64-bit PCI card
Electrical
Current - Maximum per Contact Voltage - Maximum 1A 30V
Solder Process Data
Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 10 Wave Capable (TH only) 1 260
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing Test Summary PK-48200-001 PS-48200-001 SD-48200-001 TS-48200-001
This document was generated on 06/04/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0482009232

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X